Part Number Hot Search : 
XA2016 SED1606D FTRPB M79C9 HFP730 EL1526IL DEVICES BTS712N1
Product Description
Full Text Search
 

To Download EN1719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sd1620 no.1719-1/6 features ? less power dissipation because of low v ce (sat), permitting more ashes of light to be emitted ? large current capacity and highly resistant to breakdown ? excellent linearity of h fe in the region from low current to high current ? ultrasmall size supports high-density, ultrasmall-sized hybrid ic designs speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector-to-base voltage v cbo 30 v collector-to-emitter voltage v cex 20 v collector-to-emitter voltage v ceo 10 v emitter-to-base voltage v ebo 6v collector current i c 3a collector current (pulse) i cp 5a continued on next page. package dimensions unit : mm (typ) 7007b-004 ordering number : EN1719d 82212 tkim/31010ea tkim/31005tn(pc)/21599th (kt)/n1596ts(koto)8-7707/5277ki/3045mw, ts sanyo semiconductors data sheet http://www.sanyosemi.com/en/network/ product & package information ? package : pcp ? jeita, jedec : sc-62, sot-89, to-243 ? minimum packing quantity : 1,000 pcs./reel packing type: td marking electrical connection td 1 : base 2 : collector 3 : emitter sanyo : pcp 2.5 4.0 1.0 1.5 0.5 0.4 3.0 4.5 1.6 0.4 123 1.5 0.75 top view bottom view 2sd1620-td-e dc lot no. 2 3 1 2sd1620 npn epitaxial planar silicon transistor 1.5v, 3v strobe applications
2sd1620 no.1719-2/6 continued from preceding page. parameter symbol conditions ratings unit collector dissipation p c 500 mw when mounted on ceramic substrate (250mm 2 0.8mm) 1.3 w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =20v, i e =0a 100 na emitter cutoff current i ebo v eb =4v, i c =0a 100 na dc current gain h fe v ce =2v, i c =3a 140 210 gain-bandwidth product f t v ce =10v, i c =50ma 200 mhz output capacitance cob v cb =10v, f=1mhz 30 pf collector-to-emitter saturation voltage v ce (sat) i c =3a, i b =60ma 0.3 0.4 v collector-to-base breakdown voltage v (br)cbo i c =10 a, i e =0a 30 v collector-to-emitter breakdown voltage v (br)cex i c =1ma, v be =3v 20 v collector-to-emitter breakdown voltage v (br)ceo i c =1ma, r be = 10 v emitter-to-base breakdown voltage v (br)ebo i e =10 a, i c =0a 6 v ordering information device package shipping memo 2sd1620-td-e pcp 1,000pcs./reel pb free i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a i c -- v ce collector-to-emitter voltage, v ce -- v collector current, i c -- a 5 4 3 2 1 0 0123 5 46 itr09988 1ma 5ma 2ma 10ma 15ma 25ma 40ma 5 4 3 2 1 0 0 0.2 0.4 0.6 1.0 0.8 1.2 itr09987 i b =0ma 2ma 5ma 10ma 15ma 25ma 40ma 60ma i b =0ma
2sd1620 no.1719-3/6 v ce (sat) -- i c collector current, i c -- a collector-to-emitter saturation voltage, v ce (sat) -- mv a s o collector-to-emitter voltage, v ce -- v collector current, i c -- a cob -- v cb output capacitance, cob -- pf collector-to-base voltage, v cb -- v p c -- ta ambient temperature, ta -- c collector dissipation, p c -- w h fe -- i c collector current, i c -- a dc current gain, h fe i c -- v be base-to-emitter voltage, v be -- v collector current, i c -- a collector current, i c -- ma f t -- i c gain-bandwidth product, f t -- mhz 0.01 23 5 23 5 23 5 0.1 1.0 10 itr09990 3.2 2.8 0 1.6 1.2 2.4 2.0 0.4 0.8 0 0.2 0.4 0.6 0.8 1.0 1.2 v ce =2v itr09989 v ce =2v 1.0 23 57 23 5 10 3 2 100 3 2 5 7 10 itr09992 10 1000 5 100 3 2 7 7 5 23 57 23 57 100 1000 v ce =10v itr09991 f=1mhz 1000 5 100 3 2 7 7 5 itr09994 1.6 1.4 0.2 0.4 0.8 0.6 1.2 1.0 0 0 160 120 140 100 80 60 40 20 0.1 23 57 23 57 10 1.0 3 2 100 1000 3 2 7 5 3 7 5 2 itr09993 i c / i b =50 mounted on a ceramic board (250mm 2 ? 0.8mm) no heat sink itr09995 1.0 357 3 22 57 3 10 3 2 10 5 7 3 2 5 7 5 7 1.0 3 0.1 dc operation 1ms 10ms 100ms i cp =5a i c =3a single pulse tc=25 c
2sd1620 no.1719-4/6 bag packing speci cation 2sd1620-td-e
2sd1620 no.1719-5/6 outline drawing land pattern example 2sd1620-td-e mass (g) unit 0.058 * for reference mm unit: mm 2.2 1.0 1.8 1.5 0.9 3.7 1.5 3.0 1.0 45 45
2sd1620 ps no.1719-6/6 this catalog provides information as of august, 2012. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of EN1719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X